Part Number Hot Search : 
MC13820 TLE4226 B39202 MTZJ16 74AC08 HDK5361 SN65020 M61504E
Product Description
Full Text Search
 

To Download 0431100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  122 ask 1 saks 1 0474560000 8/58/45.5 (.31/2.28/1.79) 8/58/44 (.31/2.28/1.73) 9 (.35) 300 v / 10 a / #22...12 awg 300 v / 6.3 a / #26...12 awg 500 v / 6.3 a / 4 mm 2 0.9 (8.0) 3 t ype part no. ap (1.5) 0380360000 0430300000 0430400000 0430500000 0430600000 0430700000 0430800000 0430900000 0431000000 0431100000 0431200000 0431300000 0431400000 0446100000 2012750000 th 0377060000 siha 1593020000 dek 5/8 1653340001 dek 5/8 1653350001 0501600000 0191220000 0501620000 13/54/61 (.51/2.13/2.4) 13/54/54 (.51/2.13/2.13) 12 (.47) 600 v / 6 a / #22...10 awg 600 v / 10 a / #26...10 awg 500 v / 10 a / 10 mm 2 1.2 (26) 4 t ype part no. ap (2.5) 0191320000 tw (2.0) 0607000000 0430300000 0430400000 0430500000 0430600000 0430700000 0430800000 0430900000 0431000000 0431100000 0431200000 0431300000 0431400000 0446100000 2012750000 sk (5 x 20) 0282100000 dek 5/5 0473460001 dek 5/5 0473560001 single level 5 x 20 mm fuse single level 5 x 20 mm fuse circuit protection t erminals t erminal block selection data a vailable options version krg beige pa krg 24 vdc 24 vdc hinge - 24 vdc hinge + 24 vac/dc 48 vdc hinge - 48 vac/dc 110 vdc hinge - 120 vac/dc 220 vdc hinge - 220 vac/dc dimensions wi dth / length / height mm (in.) for ts 32 for ts 35 insulation stripping length mm (in.) t echnical data rated voltage / rated current / wire size ul csa vde to r que nm (lb. in.) clamping screw m selected accessory data end plate (thickness mm) pa krg partition (thickness mm) hp g fuse cartridges, 5 x 20 mm 0.10 rapid-blow 0.20 rapid-blow 0.25 rapid-blow 0.50 rapid-blow 1.0 rapid blow 1.6 rapid-blow 2.0 rapid-blow 2.5 rapid-blow 3.15 rapid-blow 4.0 rapid-blow 5.0 rapid-blow 6.3 rapid-blow solid brass slug hollow brass slug fuse cap / disconnect lever (spare) fuse cap spare lever spare red lever marking tags print consecutive horizontal consecutive vertical note: part numbers are shown for a single card of pre-printed tags numbered 1-50. ask 1 ld with blown fuse indicator and circuit disconnect 0222760000 9123140000 0222860000 0225260000 0225360000 0225460000 0225560000 0225660000 0225760000 8/58/45.5 (.31/2.28/1.79) 8/58/44 (.31/2.28/1.73) 9 (.35) 300 v / 10 a / #22...12 awg 300 v / 10 a / #22...12 awg 0.9 (8.0) 3 t ype part no. ap (1.5) 0380360000 0430300000 0430400000 0430500000 0430600000 0430700000 0430800000 0430900000 0431000000 0431100000 0431200000 0431300000 0431400000 th 0377060000 dek 5/8 1653340001 dek 5/8 1653350001 single level 5 x 20 mm fuse numbers indicate rated current in amps. rated voltage: 250 vac switching capacity: 1500 a (at 250 v, 50 hz, cos ? =0.7) wa r ning: ?install ap partition after last fuse terminal. ?disconnect power before replacing the fuse. fuse terminals are available with led blown fuse indicators, which speed identification of fuse failures and reduce costly down time. the maximum oper- ating voltage for the indicator fuse blocks is determined by the led's rating. a 2 ma resid- ual current passes through the led when the fuse is blown, unless otherwise indicated. note: in the event of a faulty fuse, the connected circuit has a max. leakage current of .55 ma. with lever open, load is disconnected completely. + + see accessories section for additional information.


▲Up To Search▲   

 
Price & Availability of 0431100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X